Part Number Hot Search : 
61056 G4BC30F 120JCB FAN6920 FMB12 060M0 PAD10 XLT2385
Product Description
Full Text Search
 

To Download RS407L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RS401L
THRU
RS407L
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
4.0 Amperes
RS-4L
FEATURES
* Ideal for printed circuit board * Low forward voltage * Low leakage current * Polarity: marked on body * Mounting position: Any * Weight: 4.8 grams
.052(1.3) .048(1.2) DIA. .083 (2.1) .580(14.7) .540(13.7)
.640(16.3) .600(15.2)
.750 MIN. (19.0)
.220(5.6) SPACING .180(4.6) .256(6.5) .236(6.0) .768(19.5) .728(18.5)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=50 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage Drop per Bridge Element at 4.0A D.C. Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Operating Temperature Range, TJ Storage Temperature Range, TSTG Ta=100 C
RS401L RS402L RS403L RS404L RS405L RS406L RS407L UNITS
50 35 50
100 70 100
200 140 200
400 280 400 4.0 200 1.0 10 -65 -65 500 +125 +150
600 420 600
800 560 800
1000 700 1000
V V V A A V mA mA C C
RATING AND CHARACTERISTIC CURVES (RS401L THRU RS407L)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
6 5 4 3 2 1 0
Single Phase Half Wave 60Hz Resistive Or Inductive Load
FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
250
AVERAGE FORWARD CURRENT,(A)
200
150
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
100
50
0
25
50
75
100 125
150
175
CASE TEMPERATURE,( C)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL FORWARD CHARACTERISTICS 50
INSTANTANEOUS FORWARD CURRENT,(A)
FIG.4-TYPICAL REVERSE CHARACTERISTICS 50
3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
REVERSE LEAKAGE CURRENT, (mA)
10
10 3.0 1.0
Tj=100 C
0.1
0.1
Tj=25 C
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
.01
0
20
40
60
80
100 120 140
FORWARD VOLT AGE,(V)
PERCENT OF RATED PEAK REVERSE VOLT AGE, (%)


▲Up To Search▲   

 
Price & Availability of RS407L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X